|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
QSE773 PLASTIC SILICON PIN PHOTODIODE PACKAGE DIMENSIONS 0.215 (5.46) 0.199 (5.06) FEATURES * Daylight Filter * Sidelooker Package * Pin Photodiode * Wide Reception Angle, 120 * Chip Size = .1072 inches (2.712 mm) C L 0.311 (7.90) 0.288 (7.30) 0.126 (3.20) 0.110 (2.80) SCHEMATIC 0.610 (15.49) MIN ANODE CATHODE 0.060 (1.52) 0.020 (0.51) SQ. (2x) 0.100 (2.54) 0.116 (2.95) 0.100 (2.54) NOTES: 1. Dimensions for all drawings are in inches (mm). 2. Tolerance of .010 (.25) on all non-nominal dimensions unless otherwise specified. 1. Derate power dissipation linearly 2.50 mW/C above 25C. 2. RMA flux is recommended. 3. Methanol or isopropyl alcohols are recommended as cleaning agents. 4. Soldering iron 1/16" (1.6mm) minimum from housing. 5. As long as leads are not under any stress or spring tension. 6. Light source is an GaAs LED which has a peak emission wavelength of 940 nm. 7. All measuements made under pulse conditions. ABSOLUTE MAXIMUM RATINGS Parameter Operating Temperature Storage Temperature Soldering Temperature (Iron)(2,3,4) Soldering Temperature (Flow)(2,3) Reverse Voltage Power Dissipation(1) (TA = 25C unless otherwise specified) Symbol TOPR TSTG TSOL-I TSOL-F VR PD Rating -40 to +85 -40 to +85 240 for 5 sec 260 for 10 sec 32 150 Unit C C C C V mW 1 of 3 100032A QSE773 PLASTIC SILICON PIN PHOTODIODE ELECTRICAL / OPTICAL CHARACTERISTICS PARAMETER TEST CONDITIONS (TA =25C unless otherwise specified) MIN TYP MAX UNITS SYMBOL Reverse Voltage Dark Reverse Current Peak Sensitivity Reception Angle @ 1/2 Power Photo Current Capacitance Rise Time Fall Time IR = 0.1 mA VR = 10 V VR = 5 V Ee = 1.0 mW/cm2, VCE = 5 V(6) VR = 3 V VR = 5 V, RL = 1 K VR = 5 V, RL = 1 K VR IR(D) !PK " IPH C tr tf 32 -- 920 +/-60 30 20 50 50 -- 30 V nA nm Degrees -- A pF ns ns TYPICAL PERFORMANCE CURVES 1.0 S (!)rel - RELATIVE SPECTRAL SENSITIVITY 120 Wavelength = 940 nm TA = 25C ISC - SHORT CIRCUIR CURRENT 800 900 1000 1100 0.8 100 80 0.6 60 0.4 40 0.2 20 0 700 0 0 !#- WAVELENGTH (nm) 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 Ee - IRRADIANCE (mW/cm2) Fig. 1 Relative Spectral Sensitivity vs. Wavelength Fig. 2 Short Circuit Current vs. Irradiance 2 of 3 100032A QSE773 PLASTIC SILICON PIN PHOTODIODE 100 f = 1 MHz E=0 1000 VR = 10 V E=0 IR - DARK CURRENT (nA) 0.1 1 VR - REVERSE VOLTAGE (V) 10 100 100 80 CAPACITANCE (pF) 60 40 10 20 0 0.01 1 0 10 20 30 40 50 60 70 80 90 100 TA -TEMPERATURE (C) Fig. 3 Capacitance vs. Reverse Voltage Fig. 4 Dark Current vs. Temperature 1200 E=0 IR -DARK CURRENT (pA) 1000 800 600 400 200 0 0 2 4 6 8 10 12 14 16 18 20 VR - REVERSE VOLTAGE (V) Fig. 5 Dark Current vs. Reverse Voltage 3 of 3 100032A |
Price & Availability of QSE773 |